Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC1202A00 Fiches technique(PDF) 3 Page - SHIELD s.r.l.

No de pièce VC1202A00
Description  For electrovalves, style A, 2pG or 3pG, female, field attachable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHIELD [SHIELD s.r.l.]
Site Internet  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

VC1202A00 Fiches technique(HTML) 3 Page - SHIELD s.r.l.

  VC1202A00 Datasheet HTML 1Page - SHIELD s.r.l. VC1202A00 Datasheet HTML 2Page - SHIELD s.r.l. VC1202A00 Datasheet HTML 3Page - SHIELD s.r.l. VC1202A00 Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CONNETTORI PER ELETTROVALVOLE CON TERMINALI FAST-ON
Built-in gasket of elastomeric
material on the connector
mating face for easy and
safe assembling
Crimp terminals supplied
separately on reels for
quick assembling.
Guarnizione integrata in
materiale elastomerico sul
lato frontale del connettore
per un assemblaggio facile
e sicuro
Terminali fast-on forniti
separatamente in bobine
per un assemblaggio
rapido.
M16 Thread
Filettatura M16
Guaranteed water
proof grade IP67
Protezione all'acqua
garantita grado IP67
Built-in gasket of elastomeric
material between screw and
housing
Guarnizione integrata in
materiale elastomerico tra
vite e custodia
CONNECTORS FOR ELECTROVALVES WITH CRIMP TERMINALS
EN175301-803 (ex DIN43650)
on request
a richiesta
www.shield.net
45-18
CONNECTORS | CONNETTORI version 090707



Html Pages

1 2 3 4