Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB-6008 Fiches technique(PDF) 2 Page - National Instruments Corporation

No de pièce USB-6008
Description  8 analog inputs at 12 or 14 bits,up to 48 kS/s
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NI [National Instruments Corporation]
Site Internet  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6008 Fiches technique(HTML) 2 Page - National Instruments Corporation

  USB-6008 Datasheet HTML 1Page - National Instruments Corporation USB-6008 Datasheet HTML 2Page - National Instruments Corporation USB-6008 Datasheet HTML 3Page - National Instruments Corporation USB-6008 Datasheet HTML 4Page - National Instruments Corporation USB-6008 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Every M Series data acquisition device also includes a copy of
LabVIEW SignalExpress LE data-logging software, so you can quickly
acquire, analyze, and present data without programming. The NI-DAQmx
Base driver software is provided for use with Linux, Mac OS X,
Windows Mobile, and Windows CE operating systems.
Recommended Accessories
The USB-6008 and USB-6009 have removable screw terminals for easy
signal connectivity. For extra flexibility when handling multiple wiring
configurations, NI offers the USB-600x Connectivity Kit, which includes
two extra sets of screw terminals, extra labels, and a screwdriver.
In addition, the USB-600x Prototyping Kit provides space for adding
more circuitry to the inputs of the USB-6008 or USB-6009.
NI USB DAQ for OEMs
Shorten your time to market by integrating world-class National
Instruments OEM measurement products into your embedded system
design. Board-only versions of NI USB DAQ devices are available for
OEM applications, with competitive quantity pricing and available
software customization. The NI OEM Elite Program offers free 30-day
trial kits for qualified customers. Visit ni.com/oem for more information.
Information for Student Ownership
To supplement simulation, measurement, and automation theory courses
with practical experiments, NI has developed the USB-6008 and USB-6009
student kits, which include the LabVIEW Student Edition and a ready-to-run
data logger application. These kits are exclusively for students, giving them
a powerful, low-cost, hands-on learning tool. Visit ni.com/academic for
more details.
Information for OEM Customers
For information on special configurations and pricing, call (800) 813 3693
(U.S. only) or visit ni.com/oem. Go to the Ordering Information section
for part numbers.
Low-Cost, Bus-Powered Multifunction DAQ for USB – 12- or 14-Bit, up to 48 kS/s, 8 Analog Inputs
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
NI USB-60081 ........................................................................779051-01
NI USB-60091 ........................................................................779026-01
NI USB-6008 OEM ................................................................193132-02
NI USB-6009 OEM ................................................................193132-01
NI USB-6008 Student Kit1,2 ..................................................779320-22
NI USB-6009 Student Kit1,2 ..................................................779321-22
NI USB-600x Connectivity Kit ..............................................779371-01
NI USB-600x Prototyping Kit ................................................779511-01
1 Includes NI-DAQmx software, LabVIEW SignalExpress LE, and a USB cable.
2 Includes LabVIEW Student Edition.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S. only) or go to ni.com/usb.



Html Pages

1 2 3 4 5