| Moteur de recherche de fiches techniques de composants électroniques |
|
NISCXI-1193 Fiches technique(PDF) 2 Page - National Instruments Corporation |
|
|
|||||||||||||||||||||||||||||
NISCXI-1193 Fiches technique(HTML) 2 Page - National Instruments Corporation |
|
2 / 4 page ![]() BUY ONLINE at ni.com or C ALL 800 813 3693 (U.S.) 2 High-Frequency Multiplexer/Matrix Modules System Integration The NI 2593 modules have a flexible scan list architecture that can reduce overall data acquisition and test time. A scan list delivers the fastest scan possible by providing a hardware-timed solution. You can configure the module to process the scan list once or to continuously loop through the scan list. Commands in the scan list can open or close relays, wait for an external trigger, and generate a scanner advanced trigger. The external trigger, sourced by an instrument, such as an NI PXI-5411 arbitrary waveform generator, causes the switch module to advance to the next entry in the scan list. The scanner advanced trigger indicates when the module has closed all specified relays and the relays have settled. The scanner advanced trigger is typically connected to a measurement device, such as the NI PXI-4070 FlexDMM, which is configured to take a reading upon receiving the trigger. Software All National Instruments PXI and SCXI switch modules are shipped with NI-SWITCH, an IVI-compliant driver that offers complete functionality for all switch modules. For additional assistance in configuring, programming, and managing higher-channel- count switching systems, NI Switch Executive software provides an easy-to-use intelligent switch management and visual routing environment. Figure 1. NI 2593 Configuration Capabilities as a Dimensionally Flexible Sparse Matrix Ordering Information NI PXI-2593 ....................................................................................778793-01 NI PXIe-2593 ................................................................................ 780587-93 NI SCXI-1193 .................................................................................776572-93 Includes NI-SWITCH driver software. Recommended Accessory 50 MCX terminator ....................................................................778831-01 NI Switch Executive Development system......................................................................778546-01 Deployment engine........................................................................778548-00 BUY NOW For complete product specifications, pricing, and accessory information, call 800 813 3693 (U.S.) or go to ni.com/switches. 0 1 2 3 4 5 6 7 COM 0 9x9 Sparse Matrix 8 9 10 11 12 13 14 15 COM 1 1 2 3 4 5 6 7 COM 0 8 9 10 11 12 13 14 15 COM 1 4x14 Sparse Matrix 0 4 8 12 COM 0 0 1 2 3 4 5 6 7 12 13 14 15 11 10 9 8 COM 1 NI 2593 Dual 8x1 Multiplexer 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 COM 0 COM 1 2x16 Sparse Matrix |