Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXFT18N90P Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXFT18N90P
Description  Polar Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT18N90P Fiches technique(HTML) 5 Page - IXYS Corporation

  IXFT18N90P Datasheet HTML 1Page - IXYS Corporation IXFT18N90P Datasheet HTML 2Page - IXYS Corporation IXFT18N90P Datasheet HTML 3Page - IXYS Corporation IXFT18N90P Datasheet HTML 4Page - IXYS Corporation IXFT18N90P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFH18N90P IXFV18N90P
IXFT18N90P IXFV18N90PS
IXYS REF: F_18N90P(76)9-11-09-A
PLUS220 (IXFV) Outline
PLUS220SMD (IXFV_S) Outline
D1
L
L3
L1
E1
e
E
b
D
c
A2
A1
A
L2
Terminals: 1-Gate 2-Drain
E1
E
L2
D
L3
L
L1
3X b
2X e
c
A2
A1
A
E1
D1
TO-247 (IXFH) Outline
TO-268 (IXFT) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
∅ P
1
2
3
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain



Html Pages

1 2 3 4 5