| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC060KM Fiches technique(PDF) 11 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
VSC060KM Fiches technique(HTML) 11 Page - Maxim Integrated Products |
|
11 / 166 page ![]() 11 of 166 VSC060 Data Sheet Revision 4.1 January 2008 1 Introduction This data sheet provides reference information for the Maxim Enhanced High-Density Two-Wire Serial Backplane Controller, VSC060. It is intended for system designers and software and firmware developers who are using this device to support enclosure management functions or other related remote I/O expansion tasks. This document assumes that the user is familiar with the two-wire serial interfaces, the programmable I/O control, and the operation of FC-AL control functions, such as a PBC (port bypass controller), a CRU (clock recovery unit), and an SDU (signal detect unit). The user may also need to be familiar with Fibre Channel Arbitrated Loop (FC-AL) operation and SCSI Enclosure Services (SES). |