| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC060 Fiches technique(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
VSC060 Fiches technique(HTML) 4 Page - Maxim Integrated Products |
|
4 / 166 page ![]() 4 of 166 Revision 4.1 January 2008 VSC060 Data Sheet General-Purpose I/O Configuration ● Controlled by general-purpose microcontroller with two-wire serial interface ● Support for up to 1536 I/O lines: Backplane controller supports up to 96 I/O lines and 16 backplane controllers can be simultaneously attached to the serial bus ● Two-backplane controller implementation is shown here with shared open-drain interrupt Figure 2. Two Backplane Controllers, 192 Bidirectional I/O Lines VSC060 Enhanced High-Density Two-Wire Serial Backplane Controller Microcontroller with Two-Wire Serial Interf ace Two-Wire Serial Interf ace Interrupt (optional) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) VSC060 Enhanced High-Density Two-Wire Serial Backplane Controller |