Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFS14 Fiches technique(PDF) 8 Page - EPCOS

No de pièce SFS14
Description  SIOV metal oxide varistors Housed (Fail-safe) varistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

SFS14 Fiches technique(HTML) 8 Page - EPCOS

  SFS14 Datasheet HTML 1Page - EPCOS SFS14 Datasheet HTML 2Page - EPCOS SFS14 Datasheet HTML 3Page - EPCOS SFS14 Datasheet HTML 4Page - EPCOS SFS14 Datasheet HTML 5Page - EPCOS SFS14 Datasheet HTML 6Page - EPCOS SFS14 Datasheet HTML 7Page - EPCOS SFS14 Datasheet HTML 8Page - EPCOS SFS14 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
11/07
Mounting
1. Potting, sealing or adhesive compounds can produce chemical reactions in the SIOV ceramic
that will degrade the component’s electrical characteristics.
2. Overloading SIOVs may result in ruptured packages and expulsion of hot materials. For this rea-
son SIOVs should be physically shielded from adjacent components.
Operation
1. Use SIOVs only within the specified temperature operating range.
2. Use SIOVs only within the specified voltage and current ranges.
3. Environmental conditions must not harm SIOVs. Use SIOVs only in normal atmospheric condi-
tions. Avoid use in the presence of deoxidizing gases (chlorine gas, hydrogen sulfide gas,
ammonia gas, sulfuric acid gas, etc), corrosive agents, humid or salty conditions. Avoid contact
with any liquids and solvents.
Please read Cautions and warnings and
Important notes at the end of this document.
Housed varistors
Fail-safe varistor, SFS14 series



Html Pages

1 2 3 4 5 6 7 8 9