Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ETFV25 Fiches technique(PDF) 9 Page - EPCOS

No de pièce ETFV25
Description  SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

ETFV25 Fiches technique(HTML) 9 Page - EPCOS

Back Button ETFV25 Datasheet HTML 2Page - EPCOS ETFV25 Datasheet HTML 3Page - EPCOS ETFV25 Datasheet HTML 4Page - EPCOS ETFV25 Datasheet HTML 5Page - EPCOS ETFV25 Datasheet HTML 6Page - EPCOS ETFV25 Datasheet HTML 7Page - EPCOS ETFV25 Datasheet HTML 8Page - EPCOS ETFV25 Datasheet HTML 9Page - EPCOS ETFV25 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Mounting
1.
Potting, sealing or adhesive compounds can produce chemical reactions in the SIOV ceramic
that will degrade the component’s electrical characteristics.
2.
Overloading SIOVs may result in ruptured packages and expulsion of hot materials. For this
reason SIOVs should be physically shielded from adjacent components.
Operation
1.
Use SIOVs only within the specified temperature operating range.
2.
Use SIOVs only within the specified voltage and current ranges.
3.
Environmental conditions must not harm SIOVs. Use SIOVs only in normal atmospheric con-
ditions. Avoid use in the presence of deoxidizing gases (chlorine gas, hydrogen sulfide gas,
ammonia gas, sulfuric acid gas etc), corrosive agents, humid or salty conditions. Avoid con-
tact with any liquids and solvents.
Housed varistors
ETFV25
ThermoFuse varistors, ETFV25 series
Page 9 of 10
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10