Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32572 Fiches technique(PDF) 13 Page - EPCOS

No de pièce B32572
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32572 Fiches technique(HTML) 13 Page - EPCOS

Back Button B32572 Datasheet HTML 9Page - EPCOS B32572 Datasheet HTML 10Page - EPCOS B32572 Datasheet HTML 11Page - EPCOS B32572 Datasheet HTML 12Page - EPCOS B32572 Datasheet HTML 13Page - EPCOS B32572 Datasheet HTML 14Page - EPCOS B32572 Datasheet HTML 15Page - EPCOS B32572 Datasheet HTML 16Page - EPCOS B32572 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
3
Embedding of capacitors in finished assemblies
In many applications, finished circuit assemblies are embedded in plastic resins. In this case,
both chemical and thermal influences of the embedding ("potting") and curing processes must be
taken into account.
Our experience has shown that the following potting materials can be recommended: non-flexible
epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum
curing temperature of 100
°C.
Caution:
Consult us first if you wish to embed uncoated types!
B32572, B32573
Ignition (stacked) SilverCapTM
Page 13 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19