| Moteur de recherche de fiches techniques de composants électroniques |
|
PMR2010-A-R005-B-3-E Fiches technique(PDF) 2 Page - Sirectifier Global Corp. |
|
|
|||||||||||||||||||||||||||||
PMR2010-A-R005-B-3-E Fiches technique(HTML) 2 Page - Sirectifier Global Corp. |
|
2 / 5 page ![]() http:// www.sirectsemi.com □ STANDARD ELECTRICAL SPECIFICATIONS Model Power Rating (W) Resistance Range (Ω) RTC (ppm/ ֯ C) Tolerance (%) Dimensions (mm) PMR0805 0.125 0.01-0.20 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=2.05mm±0.25mm W=1.30mm±0.25mm H=0.35mm±0.15mm PMR0805 0.25 0.01-0.20 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=2.05mm±0.25mm W=1.30mm±0.25mm H=0.35mm±0.15mm PMR2010 0.5 0.001-0.20 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=5.10mm±0.25mm W=2.55mm±0.25mm H=0.65mm±0.15mm PMR2010 1.0 0.001-0.5 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=5.10mm±0.25mm W=2.55mm±0.25mm H=0.65mm±0.15mm PMR2010 2.0 0.001-0.5 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=5.10mm±0.25mm W=2.55mm±0.25mm H=0.65mm±0.15mm PMR2512 1.0 0.005-0.01 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=6.35mm±0.25mm W=3.20mm±0.25mm H=0.65mm±0.15mm PMR2512 2.0 0.01-0.1 ± 75 ± 100 ± 150 ± 275 ± 0.5 ± 1 ± 3 L=6.35mm±0.25mm W=3.20mm±0.25mm H=0.65mm±0.15mm PMR SERIES |