Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32508 Fiches technique(PDF) 42 Page - EPCOS

No de pièce B32508
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32508 Fiches technique(HTML) 42 Page - EPCOS

Back Button B32508 Datasheet HTML 38Page - EPCOS B32508 Datasheet HTML 39Page - EPCOS B32508 Datasheet HTML 40Page - EPCOS B32508 Datasheet HTML 41Page - EPCOS B32508 Datasheet HTML 42Page - EPCOS B32508 Datasheet HTML 43Page - EPCOS B32508 Datasheet HTML 44Page - EPCOS B32508 Datasheet HTML 45Page - EPCOS B32508 Datasheet HTML 46Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Topic
Safety information
Reference chapter
"Mounting guidelines"
Soldering
Do not exceed the specified time or temperature
limits during soldering.
1 "Soldering"
Cleaning
Use only suitable solvents for cleaning capacitors. 2 "Cleaning"
Embedding of
capacitors in
finished assemblies
When embedding finished circuit assemblies in
plastic resins, chemical and thermal influences
must be taken into account.
Caution: Consult us first, if you also wish to
embed other uncoated component types!
3 "Embedding of
capacitors in finished
assemblies"
B32520 ... B32529
General purpose (stacked/wound)
Page 42 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46