| Moteur de recherche de fiches techniques de composants électroniques |
|
MINICELL Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
MINICELL Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 7 page ![]() Pressure sensors Media-separated pressure transmitters (voltage output) Series/Type: MiniCell series Ordering code: Date: 2010-05-08 Version: 3 © EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): Pressure sensors Identification/Classification 2 (header 2 + bottom left header bar): Media-separated pressure transmitters (voltage output) Ordering code: (top right header bar) Series/Type: (bottom right header bar) MiniCell series Preliminary data (optional): (if necessary) Preliminary data Department: AS SEN PD TD Date: 2010-05-08 Version: 3 |
Numéro de pièce similaire - MINICELL |
|
Description similaire - MINICELL |