Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32632B1103 Fiches technique(PDF) 3 Page - EPCOS

No de pièce B32632B1103
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B1103 Fiches technique(HTML) 3 Page - EPCOS

  B32632B1103 Datasheet HTML 1Page - EPCOS B32632B1103 Datasheet HTML 2Page - EPCOS B32632B1103 Datasheet HTML 3Page - EPCOS B32632B1103 Datasheet HTML 4Page - EPCOS B32632B1103 Datasheet HTML 5Page - EPCOS B32632B1103 Datasheet HTML 6Page - EPCOS B32632B1103 Datasheet HTML 7Page - EPCOS B32632B1103 Datasheet HTML 8Page - EPCOS B32632B1103 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Dimensional drawings
Detail of double crimped version
Dimensions in mm
Lead spacing
±0.8
Lead diameter
d1
Type
15.0
0.8
B32632
22.5
0.8
B32633
27.5
0.8
B32634
B32632 ... B32634
Very high pulse (wound)
Page 3 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29