Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMH461/ES Fiches technique(PDF) 5 Page - International Rectifier

No de pièce AMH461/ES
Description  EMI FILTER HYBRID / HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

AMH461/ES Fiches technique(HTML) 5 Page - International Rectifier

  AMH461/ES Datasheet HTML 1Page - International Rectifier AMH461/ES Datasheet HTML 2Page - International Rectifier AMH461/ES Datasheet HTML 3Page - International Rectifier AMH461/ES Datasheet HTML 4Page - International Rectifier AMH461/ES Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.irf.com
5
AMH461 Series
AMH461 Case Style Outline
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 06/2004
1.450
1.900
1.120
.260
0.050 Typ
0.331 Max
1.000
1.700
0.800
0.920
1
2
3
4
5
Ø 0.104
X3
0.200 Typ
Ø 0.030
Pins
C
0.350
Tolerances, unless otherwise specified:
.XX
=
±0.010
.XXX
=
±0.005
Pin No.
Designation
1
Positive Input
2
Positive Output
3
Case Ground
4
Output Common
5
Input Common
Pin Designation
* Note
: Refer to the Chart on page 4
AMH 461 F / CH
Model
Applicable
Military Test
Standard
Screening
CH, HB, ES
*See chart for details
Case Style
F = Flange
No suffix = No Flange
1.450
1.120
.260
0.331 Max
1.000
0.800
1
2
3
4
5
Ø 0.030
Pins
C
0.225
R 0.090
Typ
Flanged Package
Non-Flanged Package



Html Pages

1 2 3 4 5