| Moteur de recherche de fiches techniques de composants électroniques |
|
H3PPC4DI Fiches technique(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
H3PPC4DI Fiches technique(HTML) 1 Page - Amphenol Corporation |
|
1 / 2 page ![]() IDS-17-3 UL and TUV dual approval Fully intermateable with industry standard Meets all new NEC 2008 requirements Quick and easy secure snap lock mating Simple unlocking tool meets NEC requirements Long-term UV and Ozone resistance Highest current rating in industry RoHS compliant Complete Cable Assemblies available Low contact resistance means low power loss Ready for field assembly Industrial Operations (AIO) offers products and solutions for all segments of the solar electric system. AIO understands the need for efficient (low loss) power transfer, highly reliable, and cost effective solutions that are required to be competitive in this industry. We can provide panel manufacturers, installers, and OEM's with connectivity products for both thin film and crystalline silicon technologies. has a broad range of technologies to help minimize the cost of inverters and power conditioners. Industrial can help you power the planet with the sun. The Helios H4 connector is just one of the solar connector solutions Industrial has to offer. HELIOS H4 www.amphenol-industrial.com H4 Features: |
Numéro de pièce similaire - H3PPC4DI |
|
Description similaire - H3PPC4DI |