Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST62T55CM3 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce ST62T55CM3
Description  8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CM3 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button ST62T55CM3 Datasheet HTML 53Page - STMicroelectronics ST62T55CM3 Datasheet HTML 54Page - STMicroelectronics ST62T55CM3 Datasheet HTML 55Page - STMicroelectronics ST62T55CM3 Datasheet HTML 56Page - STMicroelectronics ST62T55CM3 Datasheet HTML 57Page - STMicroelectronics ST62T55CM3 Datasheet HTML 58Page - STMicroelectronics ST62T55CM3 Datasheet HTML 59Page - STMicroelectronics ST62T55CM3 Datasheet HTML 60Page - STMicroelectronics ST62T55CM3 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
57/84
ST6255C ST6265C ST6265B
SERIAL PERIPHERAL INTERFACE SPI (Cont’d)
Figure 33. CPOL = 0 Clock Polarity Normal, CPHA = 1 Phase Selection Shifted
Figure 34. CPOL = 1 Clock Polarity Inverted, CPHA = 1 Phase Selection Shifted
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0B1694
Sin
Sampling
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0C1694
Sin
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84