Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST62T55CM6 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce ST62T55CM6
Description  8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CM6 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button ST62T55CM6 Datasheet HTML 37Page - STMicroelectronics ST62T55CM6 Datasheet HTML 38Page - STMicroelectronics ST62T55CM6 Datasheet HTML 39Page - STMicroelectronics ST62T55CM6 Datasheet HTML 40Page - STMicroelectronics ST62T55CM6 Datasheet HTML 41Page - STMicroelectronics ST62T55CM6 Datasheet HTML 42Page - STMicroelectronics ST62T55CM6 Datasheet HTML 43Page - STMicroelectronics ST62T55CM6 Datasheet HTML 44Page - STMicroelectronics ST62T55CM6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
41/84
ST6255C ST6265C ST6265B
I/O PORTS (Cont’d)
Figure 24. Peripheral Interface Configuration of SPI, Timer 1 and AR Timer
MUX
1
0
DR
PP/OD
OUT
IN
CLOCK IN
SPI
DR
DR
0
1
MUX
IN
OUT
TIMER 1
DR
MUX
1
0
DR
OR
AR TIMER
ARTIMout
ARTIMin
PWMOE
PP/OD
PC3/Sout
PC2/Sin
PC4/SCK
PC1/TIM1
ARTIMin
ARTIMout
VR0C1661
V
DD
b0
REGISTER
MISC.
0
1
CLOCK OUT
SPCLK
MOD REGISTER
MUX
OR
OR
DR
OR
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84