Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST62T53CB6 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce ST62T53CB6
Description  8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53CB6 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button ST62T53CB6 Datasheet HTML 53Page - STMicroelectronics ST62T53CB6 Datasheet HTML 54Page - STMicroelectronics ST62T53CB6 Datasheet HTML 55Page - STMicroelectronics ST62T53CB6 Datasheet HTML 56Page - STMicroelectronics ST62T53CB6 Datasheet HTML 57Page - STMicroelectronics ST62T53CB6 Datasheet HTML 58Page - STMicroelectronics ST62T53CB6 Datasheet HTML 59Page - STMicroelectronics ST62T53CB6 Datasheet HTML 60Page - STMicroelectronics ST62T53CB6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
57/83
ST6253C ST6263C ST6263B ST6260C ST6260B
SERIAL PERIPHERAL INTERFACE SPI (Cont’d)
Figure 34. CPOL = 0 Clock Polarity Normal, CPHA = 1 Phase Selection Shifted
Figure 35. CPOL = 1 Clock Polarity Inverted, CPHA = 1 Phase Selection Shifted
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0B1694
Sin
Sampling
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0C1694
Sin
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83