| Moteur de recherche de fiches techniques de composants électroniques |
|
NB3N502DEVB Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NB3N502DEVB Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 7 page ![]() NB3N502DEVB http://onsemi.com 3 1. Using the SMA Connectors a. SMA connectors J3 and J4 (DUT.6 and DUT.7) should be pulled to VCC for logic level HIGH, pulled to GND for logic level LOW, and left OPEN for logic level M. 2. Using the Slide Switches a. Header pins JMP3 and JMP4 enable the slide switches for the clock multiplier select lines, S0 and S1, and should be jumpered. b. Switches SW3 (DUT.6) and SW4 (DUT.7) are used to select the clock multiplier value (see Table 2). c. The H position of the slide switch asserts a logic HIGH on the assigned pin, the L asserts a logic LOW and the M is an open where the pin “floats” to a mid−logic level by way of the device’s internal pullup and pulldown resistors. Table 2. CLOCK MULTIPLIER SELECT TABLE S1* SW4 (DUT.7) S0** SW3 (DUT.6) Multiplier L L 2X L H 5X M L 3X M H 3.33X H L 4X H H 2.5X L = GND, H = VDD, M = OPEN (unconnected) *Pin S1 defaults to M when left open ** Pin S0 defaults to H when left open Table 3. HEADER PIN CONDITIONS Header Slide Switch Multiplier Control SMA Multiplier Control JMP1 Open Open JMP2 Open Open JMP3 Jumper (Short Pins) Open JMP4 Jumper (Short Pins) Open Output Connections Connect the CMOS/TTL outputs, REF and CLKOUT, to the oscilloscope. Table 4. OUTPUT CONNECTORS Outputs Board Connector REF J1 (DUT.4) CLKOUT J2 (DUT.5) Figure 4. NB3N502 Logic Diagram Crystal Oscillator VCO Phase Detector Charge Pump TTL/ CMOS Output TTL/ CMOS Output Reference Clock BP BM Multiplier Select VDD GND X1/CLK X2 REF CLKOUT S1 S0 Feedback |