Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/SP Fiches technique(PDF) 175 Page - Microchip Technology

No de pièce PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Fiches technique(HTML) 175 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 171Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 172Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 173Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 174Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 175Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 176Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 177Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 178Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 175
PIC18F2331/2431/4331/4431
FIGURE 18-2:
PWM MODULE BLOCK DIAGRAM, ONE OUTPUT PAIR, COMPLEMENTARY MODE
FIGURE 18-3:
PWM MODULE BLOCK DIAGRAM, ONE OUTPUT PAIR, INDEPENDENT MODE
This module contains four duty cycle generators,
numbered 0 through 3. The module has eight PWM
output pins, numbered 0 through 7. The eight PWM
outputs are grouped into output pairs of even and odd
numbered outputs. In Complementary modes, the even
PWM pins must always be the complement of the
corresponding odd PWM pin. For example, PWM0 will
be the complement of PWM1, PWM2 will be the
complement of PWM3 and so on. The dead-time
generator inserts an OFF period called “dead time”
between the going OFF of one pin to the going ON of
the complementary pin of the paired pins. This is to
prevent damage to the power switching devices that
will be connected to the PWM output pins.
The time base for the PWM module is provided by its
own 12-bit timer, which also incorporates selectable
prescaler and postscaler options.
PWM Duty Cycle Register
Duty Cycle Comparator
Dead-Band
Generator
Fault Override Values
Channel Override Values
Fault A Pin
Fault B Pin
HPOL
LPOL
PWM1
PWM0
VDD
Note:
In Complementary mode, the even channel cannot be forced active by a Fault or override event when the odd channel is active.
The even channel is always the complement of the odd channel and is inactive, with dead time inserted, before the odd channel
is driven to its active state.
Fault Pin Assignment
Logic
Duty Cycle Comparator
PWM Duty Cycle Register
Fault A Pin
Fault B Pin
HPOL
LPOL
PWM1
PWM0
VDD
VDD
Fault Override Values
Channel Override Values
Fault Pin Assignment
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com