Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/SP Fiches technique(PDF) 173 Page - Microchip Technology

No de pièce PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Fiches technique(HTML) 173 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 169Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 170Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 171Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 172Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 173Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 174Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 175Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 176Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 173
PIC18F2331/2431/4331/4431
18.0
POWER CONTROL PWM
MODULE
The Power Control PWM module simplifies the task of
generating
multiple,
synchronized
Pulse-Width
Modulated (PWM) outputs for use in the control of
motor controllers and power conversion applications.
In particular, the following power and motion control
applications are supported by the PWM module:
• Three-Phase and Single-Phase AC Induction
Motors
• Switched Reluctance Motors
• Brushless DC (BLDC) Motors
• Uninterruptible Power Supplies (UPS)
• Multiple DC Brush Motors
The PWM module has the following features:
• Up to eight PWM I/O pins with four duty cycle
generators. Pins can be paired to get a complete
half-bridge control.
• Up to 14-bit resolution, depending upon the PWM
period.
• “On-the-fly” PWM frequency changes.
• Edge and Center-Aligned Output modes.
• Single-Pulse Generation mode.
• Programmable dead-time control between paired
PWMs.
• Interrupt support for asymmetrical updates in
Center-Aligned mode.
• Output override for Electrically Commutated
Motor (ECM) operation; for example, BLDC.
• Special Event Trigger comparator for scheduling
other peripheral events.
• PWM outputs disable feature sets PWM outputs
to their inactive state when in Debug mode.
The Power Control PWM module supports three PWM
generators
and
six
output
channels
on
PIC18F2331/2431 devices, and four generators and
eight channels on PIC18F4331/4431 devices. A simpli-
fied block diagram of the module is shown in
Figure 18-1. Figure 18-2 and Figure 18-3 show how
the module hardware is configured for each PWM
output pair for the Complementary and Independent
Output modes.
Each functional unit of the PWM module will be
discussed in subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com