Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/PT Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce PIC18LF4331-E/PT
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/PT Fiches technique(HTML) 29 Page - Microchip Technology

Back Button PIC18LF4331-E/PT Datasheet HTML 25Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 26Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 27Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 28Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 29Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 30Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 31Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 32Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 29
PIC18F2331/2431/4331/4431
3.0
OSCILLATOR
CONFIGURATIONS
3.1
Oscillator Types
The PIC18F2331/2431/4331/4431 devices can be
operated in 10 different oscillator modes. The user can
program the Configuration bits, FOSC<3:0>, in
Configuration Register 1H to select one of these
10 modes:
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
HSPLL
High-Speed Crystal/Resonator
with PLL Enabled
5.
RC
External Resistor/Capacitor with
FOSC/4 Output on RA6
6.
RCIO
External Resistor/Capacitor with
I/O on RA6
7.
INTIO1
Internal Oscillator with FOSC/4
Output on RA6 and I/O on RA7
8.
INTIO2
Internal Oscillator with I/O on RA6
and RA7
9.
EC
External Clock with FOSC/4 Output
10. ECIO
External Clock with I/O on RA6
3.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP, HS or HSPLL Oscillator modes, a crystal or
ceramic resonator is connected to the OSC1 and
OSC2 pins to establish oscillation. Figure 3-1 shows
the pin connections.
The oscillator design requires the use of a parallel
resonant crystal.
FIGURE 3-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(XT, LP, HS OR HSPLL
CONFIGURATION)
TABLE 3-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note:
Use of a series resonant crystal may give
a
frequency
out
of
the
crystal
manufacturers’ specifications.
Typical Capacitor Values Used:
Mode
Freq
OSC1
OSC2
XT
455 kHz
2.0 MHz
4.0 MHz
56 pF
47 pF
33 pF
56 pF
47 pF
33 pF
HS
8.0 MHz
16.0 MHz
27 pF
22 pF
27 pF
22 pF
Capacitor values are for design guidance only.
These capacitors were tested with the resonators
listed below for basic start-up and operation. These
values are not optimized
.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application.
See the notes following Table 3-2 for additional
information.
Resonators Used:
455 kHz
4.0 MHz
2.0 MHz
8.0 MHz
16.0 MHz
Note 1:
See Table 3-1 and Table 3-2 for initial values of
C1 and C2.
2:
A series resistor (RS) may be required for AT
strip resonant crystals.
3:
RF varies with the oscillator mode chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To
Logic
PIC18FXXXX
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com