Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331T-E/ML Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce PIC18F4331T-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331T-E/ML Fiches technique(HTML) 21 Page - Microchip Technology

Back Button PIC18F4331T-E/ML Datasheet HTML 17Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 18Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 19Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 20Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 21Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 22Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 23Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 24Page - Microchip Technology PIC18F4331T-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 21
PIC18F2331/2431/4331/4431
PORTB is a bidirectional I/O port. PORTB can be software
programmed for internal weak pull-ups on all inputs.
RB0/PWM0
RB0
PWM0
33
8
9
I/O
O
TTL
TTL
Digital I/O.
PWM Output 0.
RB1/PWM1
RB1
PWM1
34
9
10
I/O
O
TTL
TTL
Digital I/O.
PWM Output 1.
RB2/PWM2
RB2
PWM2
35
10
11
I/O
O
TTL
TTL
Digital I/O.
PWM Output 2.
RB3/PWM3
RB3
PWM3
36
11
12
I/O
O
TTL
TTL
Digital I/O.
PWM Output 3.
RB4/KBI0/PWM5
RB4
KBI0
PWM5
37
14
14
I/O
I
O
TTL
TTL
TTL
Digital I/O.
Interrupt-on-change pin.
PWM Output 5.
RB5/KBI1/PWM4/
PGM
RB5
KBI1
PWM4
PGM
38
15
15
I/O
I
O
I/O
TTL
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
PWM Output 4.
Single-Supply ICSP™ Programming entry pin.
RB6/KBI2/PGC
RB6
KBI2
PGC
39
16
16
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming clock pin.
RB7/KBI3/PGD
RB7
KBI3
PGD
40
17
17
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming data pin.
TABLE 1-3:
PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP TQFP QFN
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin
for SCK/SCL; RC7 is the alternate pin for SDO.
2:
RD4 is the alternate pin for FLTA.
3:
RD5 is the alternate pin for PWM4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More