Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331T-I/P Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce PIC18F4331T-I/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331T-I/P Fiches technique(HTML) 18 Page - Microchip Technology

Back Button PIC18F4331T-I/P Datasheet HTML 14Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 15Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 16Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 17Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 18Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 19Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 20Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 21Page - Microchip Technology PIC18F4331T-I/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 18
 2010 Microchip Technology Inc.
PORTC is a bidirectional I/O port.
RC0/T1OSO/T1CKI
RC0
T1OSO
T1CKI
11
8
I/O
O
I
ST
—
ST
Digital I/O.
Timer1 oscillator output.
Timer1 external clock input.
RC1/T1OSI/CCP2/FLTA
RC1
T1OSI
CCP2
FLTA
12
9
I/O
I
I/O
I
ST
Analog
ST
ST
Digital I/O.
Timer1 oscillator input.
Capture 2 input, Compare 2 output, PWM2 output.
Fault interrupt input pin.
RC2/CCP1
RC2
CCP1
13
10
I/O
I/O
ST
ST
Digital I/O.
Capture 1 input/Compare 1 output/PWM1 output.
RC3/T0CKI/T5CKI/INT0
RC3
T0CKI
T5CKI
INT0
14
11
I/O
I
I
I
ST
ST
ST
ST
Digital I/O.
Timer0 alternate clock input.
Timer5 alternate clock input.
External Interrupt 0.
RC4/INT1/SDI/SDA
RC4
INT1
SDI
SDA
15
12
I/O
I
I
I/O
ST
ST
ST
I2C
Digital I/O.
External Interrupt 1.
SPI data in.
I2C™ data I/O.
RC5/INT2/SCK/SCL
RC5
INT2
SCK
SCL
16
13
I/O
I
I/O
I/O
ST
ST
ST
I2C
Digital I/O.
External Interrupt 2.
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C mode.
RC6/TX/CK/SS
RC6
TX
CK
SS
17
14
I/O
O
I/O
I
ST
—
ST
TTL
Digital I/O.
EUSART asynchronous transmit.
EUSART synchronous clock (see related RX/DT).
SPI slave select input.
RC7/RX/DT/SDO
RC7
RX
DT
SDO
18
15
I/O
I
I/O
O
ST
ST
ST
—
Digital I/O.
EUSART asynchronous receive.
EUSART synchronous data (see related TX/CK).
SPI data out.
VSS
8, 19 5, 16
P
—
Ground reference for logic and I/O pins.
VDD
7, 20 4, 17
P
—
Positive supply for logic and I/O pins.
TABLE 1-2:
PIC18F2331/2431 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
SPDIP,
SOIC
QFN
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More