Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMP8602 Fiches technique(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMP8602
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602 Fiches technique(HTML) 21 Page - National Semiconductor (TI)

Back Button LMP8602_10 Datasheet HTML 16Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 17Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 18Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 19Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 20Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 21Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 22Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 23Page - National Semiconductor (TI) LMP8602_10 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
BATTERY CURRENT MONITOR APPLICATION
This
application
example
shows
how
the
LMP8602/
LMP8603 can be used to monitor the current flowing in and
out a battery pack. The fact that the LMP8602/LMP8603 can
measure small voltages at a high offset voltage outside the
parts own supply range makes this part a very good choice
for such applications. If the load current of the battery is higher
then the charging current, the output voltage of the
LMP8602/LMP8603 will be above the “half offset voltage” for
a net current flowing out of the battery. When the charging
current is higher then the load current the output will be below
this “half offset voltage”.
30083454
FIGURE 11. Battery Current Monitor Application
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24