Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM19DPPI Fiches technique(PDF) 4 Page - Schurter Inc.

No de pièce MSM19DPPI
Description  Vandal-proof MSM DP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM19DPPI Fiches technique(HTML) 4 Page - Schurter Inc.

  MSM19DPPI Datasheet HTML 1Page - Schurter Inc. MSM19DPPI Datasheet HTML 2Page - Schurter Inc. MSM19DPPI Datasheet HTML 3Page - Schurter Inc. MSM19DPPI Datasheet HTML 4Page - Schurter Inc. MSM19DPPI Datasheet HTML 5Page - Schurter Inc. MSM19DPPI Datasheet HTML 6Page - Schurter Inc. MSM19DPPI Datasheet HTML 7Page - Schurter Inc. MSM19DPPI Datasheet HTML 8Page - Schurter Inc. MSM19DPPI Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
4 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00
Micro Switch for Electrical Rating
(Protection Class IP 67)
0.1 A
250 VAC
5 A
250 VAC
10 A
250 VAC
Electrical Data
Switching Voltage max.
(VAC)
250
250
250
Switching Current max.
(A)
0.1
5
10
Rated Braking Capacity
(W)
25
1500
2500
Lifetime
1) (at Rated Braking Capacity)
50,000
50,000
10,000
Italically written types on request
1)
The electrical lifetime according to ENEC or UL approbation can vary, depending on the corresponding micro switch, under
the lifetime indicated above. The type and license numbers for the individual micro switches can be found in “point 6
approvals”.
Mechanical Data
Actuating Force
(N)
5.0
Actuating Travel
Mounting Diameter 19, 22 mm
(mm)
1.0
Actuating Travel
Mounting Diameter 30 mm
(mm)
1.2
Lifetime
(Actuations)
1,500,000
Shock Resistance DIN EN 50102
(IK)
07
Climatical Data
Operating/Storage Temperature
(°C)
- 25 to + 85
Degree of Protection Front Side
mechanical*
(IP)
40
Degree of Protection Front Side
Contact Area
(IP)
67
Degree of Protection Rear Side
Contact Area
(IP)
40 / 67
Ring Illumination
Supply Voltage
Ring Illumination
(VDC)
24
Other supply voltages on request
*The degree of protection refers to the area of the movable actuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17