| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9803A5-M/MS Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9803A5-M/MS Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 42 page ![]() 2010 Microchip Technology Inc. DS21909C-page 5 MCP9800/1/2/3 Timing Diagram SERIAL INTERFACE TIMING SPECIFICATIONS Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, -55°C < TA < +125°C, CL = 80 pF, and all limits measured to 50% point. Parameters Sym Min Typ Max Units Conditions 2-Wire I2C™/SMBus Compatible Interface Serial Port Frequency fSC 0 — 400 kHz I2C MCP9800/01 fSC 10 — 400 kHz SMBus MCP9802/03 Clock Period tSC 2.5 — — µs Low Clock tLOW 1.3 — — µs High Clock tHIGH 0.6 — — µs Rise Time tR 20 — 300 ns 10% to 90% of VDD (SCLK, SDA) Fall Time tF 20 — 300 ns 90% to 10% of VDD (SCLK, SDA) Data Setup Before SCLK High tSU-DATA 0.1 — — µs Data Hold After SCLK Low tH-DATA 0— 0.9 µs Start Condition Setup Time tSU-START 0.6 — — µs Start Condition Hold Time tH-START 0.6 — — µs Stop Condition Setup Time tSU-STOP 0.6 — — µs Bus Idle tIDLE 1.3 — — µs Time Out tOUT 25 35 50 ms MCP9802/03 only Start Condition Data Transmission Stop Condition |