| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6401UT-E/ST Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6401UT-E/ST Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 38 page ![]() © 2010 Microchip Technology Inc. DS22229B-page 9 MCP6401/1R/1U/2/4 Note: Unless otherwise indicated, T A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF. FIGURE 2-25: Slew Rate vs. Ambient Temperature. FIGURE 2-26: Small Signal Non-Inverting Pulse Response. FIGURE 2-27: Small Signal Inverting Pulse Response. FIGURE 2-28: Large Signal Non-Inverting Pulse Response. FIGURE 2-29: Large Signal Inverting Pulse Response. FIGURE 2-30: The MCP6401/1R/1U/2/4 Shows No Phase Reversal. 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 -50 -25 0 255075 100 125 Ambient Temperature (°C) Falling Edge, VDD = 6.0V Rising Edge, VDD = 6.0V Falling Edge, VDD = 1.8V Rising Edge, VDD = 1.8V Time (2 µs/div) VDD = 6.0V G = +1 V/V Time (2 µs/div) VDD = 6.0V G = -1 V/V 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Time (20 µs/div) VDD = 6.0V G = +1 V/V 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Time (20 µs/div) VDD = 6.0V G = -1 V/V -1.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 Time (0.1 ms/div) VDD = 6.0V G = +2 V/V VOUT VIN |