Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC014-E/MC Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce 24LC014-E/MC
Description  1K I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014-E/MC Fiches technique(HTML) 30 Page - Microchip Technology

Back Button 24LC014-E/MC Datasheet HTML 26Page - Microchip Technology 24LC014-E/MC Datasheet HTML 27Page - Microchip Technology 24LC014-E/MC Datasheet HTML 28Page - Microchip Technology 24LC014-E/MC Datasheet HTML 29Page - Microchip Technology 24LC014-E/MC Datasheet HTML 30Page - Microchip Technology 24LC014-E/MC Datasheet HTML 31Page - Microchip Technology 24LC014-E/MC Datasheet HTML 32Page - Microchip Technology 24LC014-E/MC Datasheet HTML 33Page - Microchip Technology 24LC014-E/MC Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
24AA014/24LC014
DS21809G-page 30
 2010 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision B
Corrections to Section 1.0, Electrical Characteristics.
Revision C
Added DFN package.
Revision D (10/2007)
Add Pb-free to Features; Revise Section 8.3; Replace
Package Drawings; Update Product ID System.
Revision E (04/2008)
Replaced Package Drawings; Added TDFN package;
Revised Product ID section.
Revision F (10/2009)
Added 6-Lead SOT-23 Package; Removed Pin
Function Table; Revised Section 2.0; Revised Section
6.3.
Revision G (08/2010)
Revised Device Selection Table; Added Automotive
Temp; Revised Tables 1-1, 1-2, Figure 1-1, Package
Marking Drawings and Product ID System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36