Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM4618EVPBF Fiches technique(PDF) 22 Page - Linear Technology

No de pièce LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Fiches technique(HTML) 22 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 16Page - Linear Technology LTM4618EVPBF Datasheet HTML 17Page - Linear Technology LTM4618EVPBF Datasheet HTML 18Page - Linear Technology LTM4618EVPBF Datasheet HTML 19Page - Linear Technology LTM4618EVPBF Datasheet HTML 20Page - Linear Technology LTM4618EVPBF Datasheet HTML 21Page - Linear Technology LTM4618EVPBF Datasheet HTML 22Page - Linear Technology LTM4618EVPBF Datasheet HTML 23Page - Linear Technology LTM4618EVPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTM4618
22
4618f
Pin Assignment Tables
(Arranged by Pin Function)
PIN NAME
PIN NAME
PIN NAME
PIN NAME
A1
A2
A3
A4
A5
A6
A7
N/C
FREQ
MODE/PLLIN
PGND
VIN
VIN
VIN
D1
D2
D3
D4
D5
D6
D7
VFB
PGOOD
INTVCC
PGND
PGND
PGND
PGND
G1
G2
G3
G4
G5
G6
G7
PGND
PGND
PGND
PGND
PGND
PGND
PGND
K1
K2
K3
K4
K5
K6
K7
VOUT
VOUT
VOUT
VOUT
PGND
SW
PGND
B1
B2
B3
B4
B5
B6
B7
TK/SS
RUN
SGND
PGND
VIN
VIN
VIN
E1
E2
E3
E4
E5
E6
E7
PGND
PGND
PGND
PGND
PGND
PGND
PGND
H1
H2
H3
H4
H5
H6
H7
PGND
PGND
PGND
PGND
PGND
PGND
PGND
L1
L2
L3
L4
L5
L6
L7
VOUT
VOUT
VOUT
VOUT
PGND
PGND
PGND
C1
C2
C3
C4
C5
C6
C7
COMP
SGND
SGND
EXTVCC
VIN
VIN
VIN
F1
F2
F3
F4
F5
F6
F7
PGND
PGND
PGND
PGND
PGND
PGND
PGND
J1
J2
J3
J4
J5
J6
J7
VOUT
VOUT
VOUT
VOUT
PGND
PGND
PGND
M1
M2
M3
M4
M5
M6
M7
VOUT
VOUT
VOUT
VOUT
PGND
PGND
PGND
PACKAGE DESCRIPTION
PACKAGE PHOTOGRAPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24