| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6401UT-E/LT Fiches technique(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6401UT-E/LT Fiches technique(HTML) 35 Page - Microchip Technology |
|
35 / 38 page ![]() © 2010 Microchip Technology Inc. DS22229B-page 35 MCP6401/1R/1U/2/4 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: MCP6401T: Single Op Amp (Tape and Reel) (SC70, SOT-23) MCP6401RT: Single Op Amp (Tape and Reel) (SOT-23) MCP6401UT: Single Op Amp (Tape and Reel) (SOT-23) MCP6402: Dual Op Amp MCP6402T: Dual Op Amp (Tape and Reel) (SOIC, 2x3 TDFN) MCP6404: Quad Op Amp MCP6404T: Quad Op Amp (Tape and Reel) (SOIC, TSSOP) Temperature Range: E = -40°C to +125°C Package: LT = Plastic Package (SC70), 5-lead OT = Plastic Small Outline Transistor (SOT-23), 5-lead SN = Plastic SOIC, (3.90 mm body), 8-lead MNY* = Plastic Dual Flat, No Lead, (2x3 TDFN), 8-lead SL = Plastic SOIC (3.90 mm body), 14-lead ST = Plastic TSSOP (4.4mm body), 14-lead * Y = Nickel palladium gold manufacturing designator. Only available on the TDFN package. PART NO. -X /XX Package Temperature Range Device Examples: a) MCP6401T-E/LT: Tape and Reel, 5LD SC70 pkg b) MCP6401T-E/OT: Tape and Reel, 5LD SOT-23 pkg c) MCP6401RT-E/OT: Tape and Reel, 5LD SOT-23 pkg d) MCP6401UT-E/OT: Tape and Reel, 5LD SOT-23 pkg e) MCP6402-E/SN: 8LD SOIC pkg f) MCP6402T-E/SN: Tape and Reel, 8LD SOIC pkg g) MCP6402T-E/MNY: Tape and Reel, 8LD 2x3 TDFN pkg h) MCP6404-E/SL: 14LD SOIC pkg i) MCP6404T-E/SL: Tape and Reel, 14LD SOIC pkg j) MCP6404-E/ST: 14LD TSSOP pkg k) MCP6404T-E/ST: Tape and Reel, 14LD TSSOP pkg. |