| Moteur de recherche de fiches techniques de composants électroniques |
|
LTM4618 Fiches technique(PDF) 22 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM4618 Fiches technique(HTML) 22 Page - Linear Technology |
|
22 / 24 page ![]() LTM4618 22 4618f Pin Assignment Tables (Arranged by Pin Function) PIN NAME PIN NAME PIN NAME PIN NAME A1 A2 A3 A4 A5 A6 A7 N/C FREQ MODE/PLLIN PGND VIN VIN VIN D1 D2 D3 D4 D5 D6 D7 VFB PGOOD INTVCC PGND PGND PGND PGND G1 G2 G3 G4 G5 G6 G7 PGND PGND PGND PGND PGND PGND PGND K1 K2 K3 K4 K5 K6 K7 VOUT VOUT VOUT VOUT PGND SW PGND B1 B2 B3 B4 B5 B6 B7 TK/SS RUN SGND PGND VIN VIN VIN E1 E2 E3 E4 E5 E6 E7 PGND PGND PGND PGND PGND PGND PGND H1 H2 H3 H4 H5 H6 H7 PGND PGND PGND PGND PGND PGND PGND L1 L2 L3 L4 L5 L6 L7 VOUT VOUT VOUT VOUT PGND PGND PGND C1 C2 C3 C4 C5 C6 C7 COMP SGND SGND EXTVCC VIN VIN VIN F1 F2 F3 F4 F5 F6 F7 PGND PGND PGND PGND PGND PGND PGND J1 J2 J3 J4 J5 J6 J7 VOUT VOUT VOUT VOUT PGND PGND PGND M1 M2 M3 M4 M5 M6 M7 VOUT VOUT VOUT VOUT PGND PGND PGND PACKAGE DESCRIPTION PACKAGE PHOTOGRAPH |