Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331 Fiches technique(PDF) 190 Page - Microchip Technology

No de pièce PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Fiches technique(HTML) 190 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 186Page - Microchip Technology PIC18LF4331 Datasheet HTML 187Page - Microchip Technology PIC18LF4331 Datasheet HTML 188Page - Microchip Technology PIC18LF4331 Datasheet HTML 189Page - Microchip Technology PIC18LF4331 Datasheet HTML 190Page - Microchip Technology PIC18LF4331 Datasheet HTML 191Page - Microchip Technology PIC18LF4331 Datasheet HTML 192Page - Microchip Technology PIC18LF4331 Datasheet HTML 193Page - Microchip Technology PIC18LF4331 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 190
 2010 Microchip Technology Inc.
18.6.5
COMPLEMENTARY PWM
OPERATION
The Complementary mode of PWM operation is useful
to drive one or more power switches in half-bridge
configuration as shown in Figure 18-16. This inverter
topology is typical for a 3-phase induction motor,
brushless DC motor or a 3-phase Uninterruptible
Power Supply (UPS) control applications.
Each upper/lower power switch pair is fed by a
complementary PWM signal. Dead time may be
optionally inserted during device switching, where both
outputs are inactive for a short period (see
Section 18.7 “Dead-Time Generators”
).
In Complementary mode, the duty cycle comparison
units are assigned to the PWM outputs as follows:
• PDC0 register controls PWM1/PWM0 outputs
• PDC1 register controls PWM3/PWM2 outputs
• PDC2 register controls PWM5/PWM4 outputs
• PDC3 register controls PWM7/PWM6 outputs
PWM1/3/5/7 are the main PWMs that are controlled by
the PDCx registers and PWM0/2/4/6 are the
complemented outputs. When using the PWMs to
control the half bridge, the odd numbered PWMs can
be used to control the upper power switch and the even
numbered PWMs used for the lower switches.
FIGURE 18-16:
TYPICAL LOAD FOR
COMPLEMENTARY PWM
OUTPUTS
The Complementary mode is selected for each PWM
I/O pin pair by clearing the appropriate PMODx bit in
the PWMCON0 register. The PWM I/O pins are set to
Complementary mode by default upon all kinds of
device Resets.
+V
3-Phase
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com