Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331 Fiches technique(PDF) 189 Page - Microchip Technology

No de pièce PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Fiches technique(HTML) 189 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 185Page - Microchip Technology PIC18LF4331 Datasheet HTML 186Page - Microchip Technology PIC18LF4331 Datasheet HTML 187Page - Microchip Technology PIC18LF4331 Datasheet HTML 188Page - Microchip Technology PIC18LF4331 Datasheet HTML 189Page - Microchip Technology PIC18LF4331 Datasheet HTML 190Page - Microchip Technology PIC18LF4331 Datasheet HTML 191Page - Microchip Technology PIC18LF4331 Datasheet HTML 192Page - Microchip Technology PIC18LF4331 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 189
PIC18F2331/2431/4331/4431
FIGURE 18-14:
DUTY CYCLE UPDATE TIMES IN CONTINUOUS UP/DOWN COUNT MODE WITH
DOUBLE UPDATES
18.6.4
CENTER-ALIGNED PWM
Center-aligned PWM signals are produced by the
module when the PWM time base is configured in a
Continuous Up/Down Count mode (see Figure 18-15).
The PWM compare output is driven to the active state
when the value of the Duty Cycle register matches the
value of PTMR and the PWM time base is counting
downwards (PTDIR = 1). The PWM compare output
will be driven to the inactive state when the PWM time
base is counting upwards (PTDIR = 0) and the value in
the PTMR register matches the duty cycle value. If the
value in a particular Duty Cycle register is zero, then
the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the
output on the PWM pin will be active for the entire PWM
period if the value in the Duty Cycle register is equal to
or greater than the value in the PTPER register.
FIGURE 18-15:
START OF CENTER-ALIGNED PWM
PTMR Value
PWM Output
Duty Cycle Value Loaded from Buffer Register
New Values Written to Duty Cycle Buffer
Note:
When
the
PWM
is
started
in
Center-Aligned mode, the PWM Time
Base Period register (PTPER) is loaded
into the PWM Time Base register (PTMR)
and the PTMR is configured automatically
to start down counting. This is done to
ensure that all the PWM signals don’t start
at the same time.
0
PTPER
PTMR
Value
Period
Period/2
Duty
Cycle
Start of
First
PWM
Period
Period
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com