| Moteur de recherche de fiches techniques de composants électroniques |
|
TCM828 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM828 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 26 page ![]() © 2010 Microchip Technology Inc. DS21488B-page 17 TCM828/TCM829 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 5-Lead SOT-23 Example: XXNN CA25 Device Code TCM828ECT728 CANN TCM828VT713 CWNN TCM829ECT713-GVAO CBNN |