Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 333 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 333 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 329Page - Microchip Technology PIC18F4331 Datasheet HTML 330Page - Microchip Technology PIC18F4331 Datasheet HTML 331Page - Microchip Technology PIC18F4331 Datasheet HTML 332Page - Microchip Technology PIC18F4331 Datasheet HTML 333Page - Microchip Technology PIC18F4331 Datasheet HTML 334Page - Microchip Technology PIC18F4331 Datasheet HTML 335Page - Microchip Technology PIC18F4331 Datasheet HTML 336Page - Microchip Technology PIC18F4331 Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 333
PIC18F2331/2431/4331/4431
Supply Current (IDD)(2,3)
PIC18LF2X31/4X31
8
40
A
-40°C
VDD = 2.0V
FOSC = 31 kHz
(RC_RUN mode,
Internal oscillator source)
940
A+25°C
11
40
A+85°C
PIC18LF2X31/4X31
25
68
A
-40°C
25
68
A+25°C
VDD = 3.0V
20
68
A+85°C
All devices
55
180
A
-40°C
VDD = 5.0V
55
180
A+25°C
50
180
A+85°C
0.25
1
mA
+125°C
PIC18LF2X31/4X31
140
220
A
-40°C
VDD = 2.0V
FOSC = 1 MHz
(RC_RUN mode,
Internal oscillator source)
145
220
A+25°C
155
220
A+85°C
PIC18LF2X31/4X31
215
330
A
-40°C
VDD = 3.0V
225
330
A+25°C
235
330
A+85°C
All devices
385
550
A
-40°C
VDD = 5.0V
390
550
A+25°C
405
550
A+85°C
0.7
2.8
mA
+125°C
PIC18LF2X31/4X31
410
600
A
-40°C
VDD = 2.0V
FOSC = 4 MHz
(RC_RUN mode,
Internal oscillator source)
425
600
A+25°C
435
600
A+85°C
PIC18LF2X31/4X31
650
900
A
-40°C
VDD = 3.0V
670
900
A+25°C
680
900
A+85°C
All devices
1.2
1.8
mA
-40°C
VDD = 5.0V
1.2
1.8
mA
+25°C
1.2
1.8
mA
+85°C
2.2
6
mA
+125°C
26.2
DC Characteristics: Power-Down and Supply Current
PIC18F2331/2431/4331/4431 (Industrial, Extended)
PIC18LF2331/2431/4331/4431 (Industrial) (Continued)
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS, and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula: Ir = VDD/2REXT (mA) with REXT in k
.
4:
Standard, low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com