Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 281 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 281 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 277Page - Microchip Technology PIC18F4331 Datasheet HTML 278Page - Microchip Technology PIC18F4331 Datasheet HTML 279Page - Microchip Technology PIC18F4331 Datasheet HTML 280Page - Microchip Technology PIC18F4331 Datasheet HTML 281Page - Microchip Technology PIC18F4331 Datasheet HTML 282Page - Microchip Technology PIC18F4331 Datasheet HTML 283Page - Microchip Technology PIC18F4331 Datasheet HTML 284Page - Microchip Technology PIC18F4331 Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 281
PIC18F2331/2431/4331/4431
FIGURE 23-7:
EXTERNAL BLOCK TABLE READ (EBTRn) DISALLOWED
FIGURE 23-8:
EXTERNAL BLOCK TABLE READ (EBTRn) ALLOWED
000000h
0001FFh
000200h
0007FFh
000800h
000FFFh
001000h
0017FFh
001800h
001FFFh
WRTB, EBTRB = 11
WRT0, EBTR0 = 10
WRT1, EBTR1 = 11
WRT2, EBTR2 = 11
WRT3, EBTR3 = 11
TBLRD *
TBLPTR = 0002FFh
PC = 000FFEh
Results:
All table reads from external blocks to Blockn are disabled whenever EBTRn = 0.
The TABLAT register returns a value of ‘0’.
Register Values
Program Memory
Configuration Bit Settings
000000h
0001FFh
000200h
0007FFh
000800h
000FFFh
001000h
0017FFh
001800h
001FFFh
WRTB, EBTRB = 11
WRT0, EBTR0 = 10
WRT1, EBTR1 = 11
WRT2, EBTR2 = 11
WRT3, EBTR3 = 11
TBLRD *
TBLPTR = 0002FFh
PC = 0007FEh
Register Values
Program Memory
Configuration Bit Settings
Results:
Table reads permitted within Blockn, even when EBTRBn = 0.
The TABLAT register returns the value of the data at the location TBLPTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com