Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 274 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 274 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 270Page - Microchip Technology PIC18F4331 Datasheet HTML 271Page - Microchip Technology PIC18F4331 Datasheet HTML 272Page - Microchip Technology PIC18F4331 Datasheet HTML 273Page - Microchip Technology PIC18F4331 Datasheet HTML 274Page - Microchip Technology PIC18F4331 Datasheet HTML 275Page - Microchip Technology PIC18F4331 Datasheet HTML 276Page - Microchip Technology PIC18F4331 Datasheet HTML 277Page - Microchip Technology PIC18F4331 Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 274
 2010 Microchip Technology Inc.
23.2
Watchdog Timer (WDT)
For PIC18F2331/2431/4331/4431 devices, the WDT is
driven by the INTRC source. When the WDT is
enabled, the clock source is also enabled. The nominal
WDT period is 4 ms and has the same stability as the
INTRC oscillator.
The 4 ms period of the WDT is multiplied by a 16-bit
postscaler. Any output of the WDT postscaler is
selected by a multiplexer, controlled by bits in
Configuration
Register
2H
(see
Register 23-3).
Available periods range from 4 ms to 131.072 seconds
(2.18 minutes). The WDT and postscaler are cleared
when any of the following events occur: execute a
SLEEP
or CLRWDT instruction, the IRCF bits
(OSCCON<6:4>) are changed or a clock failure has
occurred (see Section 23.4.1 “FSCM and the
Watchdog Timer”
).
Adjustments to the internal oscillator clock period using
the OSCTUNE register also affect the period of the
WDT by the same factor. For example, if the INTRC
period is increased by 3%, then the WDT period is
increased by 3%.
23.2.1
CONTROL REGISTER
Register 23-15 shows the WDTCON register. This is a
readable and writable register. The SWDTEN bit allows
software to enable or disable the WDT, but only if the
Configuration bit has disabled the WDT. The WDTW bit
is a read-only bit that indicates when the WDT count is
in the fourth quadrant (i.e., when the 8-bit WDT value is
b
’11000000’ or greater).
FIGURE 23-1:
WDT BLOCK DIAGRAM
Note 1:
The CLRWDT and SLEEP instructions
clear the WDT and postscaler counts
when executed.
2:
Changing the setting of the IRCF bits
(OSCCON<6:4>) clears the WDT and
postscaler counts.
3:
When a CLRWDT instruction is executed,
the postscaler count will be cleared.
4:
If WINEN = 0, then CLRWDT must be exe-
cuted only when WDTW = 1; otherwise, a
device Reset will result.
INTRC Source
WDT
Wake-up
Reset
WDT
WDT Counter
Programmable Postscaler
1:1 to 1:32,768
Enable WDT
WDTPS<3:0>
SWDTEN
WDTEN
CLRWDT
4
from Sleep
Reset
All Device Resets
Sleep
INTRC Control
125
Change on IRCF bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com