| Moteur de recherche de fiches techniques de composants électroniques |
|
23A640-E/ST Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23A640-E/ST Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 28 page ![]() 2010 Microchip Technology Inc. DS22126D-page 1 23A640/23K640 Device Selection Table Features: • Max. Clock 20 MHz • Low-Power CMOS Technology: - Read Current: 3 mA at 1 MHz - Standby Current: 4 A Max. at +85°C • 8192 x 8-bit Organization • 32-Byte Page •HOLD pin • Flexible Operating modes: - Byte read and write - Page mode (32 Byte Page) - Sequential mode • Sequential Read/Write • High Reliability • Temperature Ranges Supported: • Pb-Free and RoHS Compliant, Halogen Free Pin Function Table Description: The Microchip Technology Inc. 23X640 are 64 Kbit Serial SRAM devices. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input. Communication to the device can be paused via the hold pin (HOLD). While the device is paused, transitions on its inputs will be ignored, with the exception of Chip Select, allowing the host to service higher priority interrupts. The 23X640 is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead TSSOP. Package Types (not to scale) Part Number VCC Range Page Size Temp. Ranges Packages 23K640 2.7-3.6V 32 Byte I, E P, SN, ST 23A640 1.5-1.95V 32 Byte I P, SN, ST - Industrial (I): - Automotive (E): -40 C -40 C to to +85 C +125 C Name Function CS Chip Select Input SO Serial Data Output VSS Ground SI Serial Data Input SCK Serial Clock Input HOLD Hold Input VCC Supply Voltage CS SO NC VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI PDIP/SOIC/TSSOP (P, SN, ST) 64K SPI Bus Low-Power Serial SRAM |
Numéro de pièce similaire - 23A640-E/ST |
|
Description similaire - 23A640-E/ST |