Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

23A256-E/P Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 23A256-E/P
Description  256K SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A256-E/P Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 23A256-E/P Datasheet HTML 17Page - Microchip Technology 23A256-E/P Datasheet HTML 18Page - Microchip Technology 23A256-E/P Datasheet HTML 19Page - Microchip Technology 23A256-E/P Datasheet HTML 20Page - Microchip Technology 23A256-E/P Datasheet HTML 21Page - Microchip Technology 23A256-E/P Datasheet HTML 22Page - Microchip Technology 23A256-E/P Datasheet HTML 23Page - Microchip Technology 23A256-E/P Datasheet HTML 24Page - Microchip Technology 23A256-E/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2010 Microchip Technology Inc.
DS22100E-page 21
23X256
APPENDIX A: REVISION HISTORY
Revision A (11/2008)
Original Release.
Revision B (12/2008)
Updates; Table 1-1, add Param. D011.
Revision C (01/2009)
Revised Section 2.5: Added a paragraph.
Revision D (04/2009)
Removed
Preliminary
status;
Revised
Standby
Current; Revised Table 1-1, Param. No. D009; Revised
TSSOP Package marking; Revised Product ID.
Revision E (08/2010)
Revised Table 1-1, Param. No. D009; Revised
Package Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28