| Moteur de recherche de fiches techniques de composants électroniques |
|
R32C Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 135 page ![]() REJ03B0231-0110 Rev.1.10 Page 1 of 130 Sep 06, 2010 R32C/152 Group RENESAS MCU REJ03B0231-0110 Rev.1.10 Sep 06, 2010 Datasheet R32C/152 Group Datasheet 1. Overview 1.1 Features The M16C Family offers a robust platform of 32-/16-bit CISC microcomputers (MCUs) featuring high ROM code efficiency, extensive EMI/EMS noise immunity, ultra-low power consumption, high-speed processing in actual applications, and numerous and varied integrated peripherals. Extensive device scalability from low- to high-end, featuring a single architecture as well as compatible pin assignments and peripheral functions, provides support for a vast range of application fields. The R32C/100 Series is a high-end microcontroller series in the M16C Family. With a 4-Gbyte memory space, it achieves maximum code efficiency and high-speed processing with 32-bit CISC architecture, multiplier, multiply-accumulate unit, and floating point unit. The selection from the broadest choice of on- chip peripheral devices — UART, CRC, DMAC, A/D and D/A converters, timers, I2C, and watchdog timer enables to minimize external components. The R32C/100 Series, in particular, provides the R32C/152 Group, a product specific to vehicle network. This product, provided as 144-pin plastic molded LQFP package, configures three channels of CAN module, eight channels of LIN module, and standard peripherals. 1.1.1 Applications Automotive, communication equipment, industrial equipment etc. |
Numéro de pièce similaire - R32C |
|
Description similaire - R32C |