Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R32C Fiches technique(PDF) 24 Page - Renesas Technology Corp

No de pièce R32C
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C Fiches technique(HTML) 24 Page - Renesas Technology Corp

Back Button R32C Datasheet HTML 20Page - Renesas Technology Corp R32C Datasheet HTML 21Page - Renesas Technology Corp R32C Datasheet HTML 22Page - Renesas Technology Corp R32C Datasheet HTML 23Page - Renesas Technology Corp R32C Datasheet HTML 24Page - Renesas Technology Corp R32C Datasheet HTML 25Page - Renesas Technology Corp R32C Datasheet HTML 26Page - Renesas Technology Corp R32C Datasheet HTML 27Page - Renesas Technology Corp R32C Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 24 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
Notes:
1.
Pins AN15_0 to AN15_7 are available in the 144-pin package only.
2.
Pins OUTC2_3 to OUTC2_7 are available in the 144-pin package only.
Table 1.19
Pin Definitions and Functions (4/4)
Function
Symbol
I/O
Description
A/D converter
AN_0 to AN_7,
AN0_0 to AN0_7,
AN2_0 to AN2_7,
AN15_0 to
AN15_7 (1)
I
Analog input for the A/D converter
ADTRG
I
External trigger input for the A/D converter
ANEX0
I/O
Expanded analog input for the A/D converter and output in
external op-amp connection mode
ANEX1
I
Expanded analog input for the A/D converter
D/A converter
DA0, DA1
O
Output for the D/A converter
Reference voltage
input
VREF
I
Reference voltage input for the A/D converter and D/A
converter
Intelligent I/O
IIO0_0 to IIO0_7
I/O
Input/output for the Intelligent I/O group 0. Either input
capture or output compare is selectable
IIO1_0 to IIO1_7
I/O
Input/output for the Intelligent I/O group 1. Either input
capture or output compare is selectable
UD0A, UD0B,
UD1A, UD1B
I
Input for the two-phase encoder
OUTC2_0 to
OUTC2_7 (2)
O
Output for OC (output compare) of the Intelligent I/O group
2
ISCLK2
I/O
Clock input/output for the serial interface
ISRXD2
I
Receive data input for the serial interface
ISTXD2
O
Transmit data output for the serial interface
IEIN
I
Receive data input for the serial interface
IEOUT
O
Transmit data output for the serial interface
Multi-master I2C-
bus
MSDA
I/O
Serial data input/output
MSCL
I/O
Transmit/receive clock input/output
CAN Module
CAN0IN
I
Receive data input for the CAN communications
CAN0OUT
O
Transmit data output for the CAN communications
CAN0WU
I
Input for the CAN wake-up interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com