| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C Fiches technique(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C Fiches technique(HTML) 23 Page - Renesas Technology Corp |
|
23 / 48 page ![]() R8C/M11A Group, R8C/M12A Group 3. Address Space Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0010EJ0010 Rev.0.10 Page 23 of 45 Aug 25, 2010 Notes: 1. The option function select area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not perform an additional write to the option function select area. Erasure of the block including the option function select area causes the option function select area to be set to FFh. 2. The ID code area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not perform an additional write to the ID code area. Erasure of the block including the ID code area causes the ID code area to be set to FFh. Table 3.9 ID Code Area and Option Function Select Area Address Area Name Symbol After Reset : 0FFDBh Option Function Select Register 2 OFS2 (Note 1) : 0FFDFh ID1 (Note 2) : 0FFE3h ID2 (Note 2) : 0FFEBh ID3 (Note 2) : 0FFEFh ID4 (Note 2) : 0FFF3h ID5 (Note 2) : 0FFF7h ID6 (Note 2) : 0FFFBh ID7 (Note 2) : 0FFFFh Option Function Select Register OFS (Note 1) |