| Moteur de recherche de fiches techniques de composants électroniques |
|
R8CL35C Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8CL35C Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 75 page ![]() R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group RENESAS MCU REJ03B0293-0100 Rev.1.00 Page 1 of 72 Jun 25, 2010 1. Overview 1.1 Features The R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, and R8C/L3AC Group of single-chip MCUs incorporate the R8C CPU core, which implements a powerful instruction set for a high level of efficiency and supports a 1 Mbyte address space, allowing execution of instructions at high speed. In addition, the CPU core integrates a multiplier for high-speed operation processing. Power consumption is low, and the supported operating modes allow additional power control. These MCUs are designed to maximize EMI/EMS performance. Integration of many peripheral functions, including multifunction timer and serial interface, helps reduce the number of system components. These groups have data flash (1 KB × 4 blocks) with the background operation (BGO) function. 1.1.1 Applications Household appliances, office equipment, audio equipment, consumer products, etc. REJ03B0293-0100 Rev.1.00 Jun 25, 2010 |
Numéro de pièce similaire - R8CL35C |
|
Description similaire - R8CL35C |