| Moteur de recherche de fiches techniques de composants électroniques |
|
32C Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32C Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 55 page ![]() R01DS0009EJ0100 Rev 1.00 Page 1 of 52 Aug. 24, 2010 R8C/32C Group RENESAS MCU Datasheet 1. Overview 1.1 Features The R8C/32C Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high speed. In addition, the CPU core boasts a multiplier for high-speed operation processing. Power consumption is low, and the supported operating modes allow additional power control. These MCUs are designed to maximize EMI/EMS performance. Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of system components. The R8C/32C Group has data flash (1 KB × 4 blocks) with the background operation (BGO) function. 1.1.1 Applications Electronic household appliances, office equipment, audio equipment, consumer equipment, etc. R01DS0009EJ0100 Rev 1.00 Aug. 24, 2010 |
Numéro de pièce similaire - 32C |
|
Description similaire - 32C |