| Moteur de recherche de fiches techniques de composants électroniques |
|
R1500 Fiches technique(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
R1500 Fiches technique(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd. |
|
2 / 2 page ![]() RATINGS AND CHARACTERISTIC CURVES R1200 THRU R5000 REVERSE VOLTAGE,(%) PERCENT OF RATED PEAK 60 0 20 40 80 100 140 120 FIG.3-TYPICAL REVERSE CHARACTERISTICS AMBIENT TEMPERATURE, ( ° C) 75 T =25 ° C 1.0 0.1 0.01 j 0 10 25 50 125 100 150 175 DERTAING CURVE FIG.1-TYPICAL FORWARD CURRENT 500 200 0 Single Phase Falf Wave 60 Hz Resistive or Inductive R 12 00 - R 20 00 Lead Length Load 0.375"(9.5mm) R 2500 - R 5000 NUMBER OF CYCLES AT 60 Hz 1 0 2 6 4 8 20 10 40 100 60 FORWARD SURGE CURRENT FIG.2-MAXIMUM NON-REPETITIVE PEAK 8.3ms Single Half Sine-Wave (JEDEC Method) =T j 30 20 10 1 Cycle T j max Web Site: WWW.PS-PFS.COM |