Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS8308 Fiches technique(PDF) 9 Page - Princeton Technology Corp

No de pièce FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PTC [Princeton Technology Corp]
Site Internet  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8308 Fiches technique(HTML) 9 Page - Princeton Technology Corp

Back Button FS8308 Datasheet HTML 5Page - Princeton Technology Corp FS8308 Datasheet HTML 6Page - Princeton Technology Corp FS8308 Datasheet HTML 7Page - Princeton Technology Corp FS8308 Datasheet HTML 8Page - Princeton Technology Corp FS8308 Datasheet HTML 9Page - Princeton Technology Corp FS8308 Datasheet HTML 10Page - Princeton Technology Corp FS8308 Datasheet HTML 11Page - Princeton Technology Corp FS8308 Datasheet HTML 12Page - Princeton Technology Corp FS8308 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Adv a nc e Inform ation
FS8308
Page 9
April 2003
Phase/Frequency Detector (PFD)
The PFD compares an internal input frequency divider output signal, f
V, with an internal
reference frequency divider output signal, f
R, and generates an error signal, DO, which is
proportional to the phase error between f
V and fR. The DO output is intended for use with
a passive filter as shown in Fig. 2.
Lock Detector (LD)
When phase comparator detects phase difference, LD terminal outputs “L”. When phase
comparator locks, LD terminal outputs “H”. On standby, outputs “H”. The criteria for lock
condition is that the phase difference between f
V and fR is less than 2/xin and continues for
more than three consecutive times.
The input/output waveforms for the PFD and LD are shown in Fig. 3.
Fig. 2 – Passive low-pass filter circuit
Fig. 3 – PFD input/output waveforms
DO
to VCO
R1
C1
C2
high-Z
high-Z
high-Z
f
R
f
V
DO
LD
< 2/xin
< 2/xin
< 2/xin
2/xin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15