Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS8108 Fiches technique(PDF) 8 Page - Princeton Technology Corp

No de pièce FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PTC [Princeton Technology Corp]
Site Internet  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8108 Fiches technique(HTML) 8 Page - Princeton Technology Corp

Back Button FS8108 Datasheet HTML 2Page - Princeton Technology Corp FS8108 Datasheet HTML 3Page - Princeton Technology Corp FS8108 Datasheet HTML 4Page - Princeton Technology Corp FS8108 Datasheet HTML 5Page - Princeton Technology Corp FS8108 Datasheet HTML 6Page - Princeton Technology Corp FS8108 Datasheet HTML 7Page - Princeton Technology Corp FS8108 Datasheet HTML 8Page - Princeton Technology Corp FS8108 Datasheet HTML 9Page - Princeton Technology Corp FS8108 Datasheet HTML 10Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FS8108
Page 8
Jan 2003
Phase/Frequency Detector (PFD)
The PFD compares an internal input frequency divider output signal, f
V, with an internal
reference frequency divider output signal, f
R, and generates an error signal, DO, which is
proportional to the phase error between f
V and fR. The DO output is intended for use with
a passive filter as shown in Fig. 3.
The input/output waveforms for the PFD are shown in Fig. 4.
Fig. 3 – Passive low-pass filter circuit
Fig. 4 – PFD input/output waveforms
DO
to VCO
R1
R2
C
high-Z
high-Z
high-Z
f
R
f
V
DO
LD



Html Pages

1 2 3 4 5 6 7 8 9 10