Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXMEGA128D4 Fiches technique(PDF) 45 Page - ATMEL Corporation

No de pièce ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Fiches technique(HTML) 45 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
45
8135G–AVR–08/10
XMEGA D4
26. PDI - Program and Debug Interface
26.1
Features
• PDI - Program and Debug Interface (Atmel proprietary 2-pin interface)
• Access to the OCD system
• Programming of Flash, EEPROM, Fuses and Lock Bits
26.2
Overview
The programming and debug facilities are accessed through PDI physical interface. The PDI
physical interface uses one dedicated pin together with the Reset pin, and no general purpose
pins are used.
26.3
PDI - Program and Debug Interface
The PDI is an Atmel proprietary protocol for communication between the microcontroller and
Atmel’s development tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100