| Moteur de recherche de fiches techniques de composants électroniques |
|
ATA6663-FAQW Fiches technique(PDF) 7 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATA6663-FAQW Fiches technique(HTML) 7 Page - ATMEL Corporation |
|
7 / 20 page ![]() 7 9146D–AUTO–09/10 Atmel ATA6663/ATA6664 Figure 3-3. Floating LIN Bus During Sleep Mode If the Atmel ® ATA6663/ATA6664 is in sleep mode and the voltage level at the LIN is in domi- nant state (V LIN < VBUSdom) for a time period exceeding tmon (during a short circuit at LIN, for example), the IC switches back to sleep mode. The VS current consumption then consists of I VSsleep plus ILINWAKE. After a positive edge at pin LIN the IC switches directly to fail-safe mode (see Figure 3-4). Figure 3-4. Short Circuit to GND on the LIN Bus During Sleep Mode IVSsleep IVSsleep IVSfail + ILINwake IVSsleep VBUSdom VLINL I VS tmon LIN Pre-wake LIN dominant state LIN BUS Mode of operation Int. Pull-up Resistor RLIN Wake-up Detection Phase off (disabled) Sleep Mode Sleep Mode Sleep Mode IVSsleep IVSfail + ILINwake IVSsleep VBUSdom VLINL LIN Pre-wake LIN dominant state LIN BUS I VS Mode of operation Int. Pull-up Resistor RLIN off (disabled) on (enabled) Wake-up Detection Phase Sleep Mode Fail-Safe Mode tmon tmon |